Part Number Hot Search : 
G936T81B MSQ94P33 CXA18 MP2463 2SC5079 MAX1640C 6715MMM 32N162
Product Description
Full Text Search
 

To Download 2SA794 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SA0794 (2SA794), 2SA0794A (2SA794A)
Silicon PNP epitaxial planar type
For low-frequency output driver Complementary to 2SC1567, 2SC1567A
3.160.1
3.80.3
Unit: mm
8.0+0.5 -0.1 3.20.2
Absolute Maximum Ratings Ta = 25C
Parameter Collector-base voltage (Emitter open) 2SA0794 2SA0794A VCEO VEBO IC ICP PC Tj Tstg Symbol VCBO Rating -100 -120 -100 -120 -5 - 0.5 -1 1.2 150 -55 to +150 V A A W C C V Unit V
0.750.1 4.60.2 0.50.1 0.50.1 2.30.2 3 1.760.1
1
2
Collector-emitter voltage 2SA0794 (Base open) 2SA0794A Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Junction temperature Storage temperature
Electrical Characteristics Ta = 25C 3C
Parameter Collector-emitter voltage (Base open) 2SA0794 2SA0794A VEBO hFE1
*
Symbol VCEO
Conditions IC = -100 A, IB = 0 IE = -1 A, IC = 0 VCE = -10 V, IC = -150 mA VCE = -5 V, IC = -500 mA IC = -500 mA, IB = -50 mA IC = -500 mA, IB = -50 mA VCB = -10 V, IE = 50 mA, f = 200 MHz VCB = -10 V, IE = 0, f = 1 MHz
Min -100 -120 -5 90 50
Typ
16.01.0
* High collector-emitter voltage (Base open) VCEO * Optimum for the driver stage of low-frequency and 40 W to 100 W output amplifier * TO-126B package which requires no insulation plate for installation to the heat sink
1.90.1
1: Emitter 2: Collector 3: Base TO-126B-A1 Package
Max
Emitter-base voltage (Collector open) Forward current transfer ratio
220 100 - 0.2 - 0.85 120 20 30 - 0.4 -1.20
hFE2 Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) VCE(sat) VBE(sat) fT Cob
MHz pF
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE1 Q 90 to 155 R 130 to 220
Note) The part numbers in the parenthesis show conventional part number.
Publication date: February 2003 SJD00001BED
3.050.1
Features
11.00.5
Unit V
V V V
1
2SA0794, 2SA0794A
PC Ta
1.6
-1.2
IC VCE
TC = 25C -18 mA IB = -20 mA -16 mA -14 mA -12 mA -10 mA -8 mA -6 mA -4 mA -2 mA
IC I B
-1.2 VCE = -10 V TC = 25C
Collector power dissipation PC (W)
-1.0
-1.0
Collector current IC (A)
- 0.8
0.8
- 0.6
- 0.4
0.4
- 0.2
0
0
40
80
120
160
0
Collector current IC (A)
1.2
- 0.8
- 0.6
- 0.4
- 0.2
0
-2
-4
-6
-8
-10
-12
0
0
-2
-4
-6
-8 -10 -12 -14
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Base current IB (mA)
IC VBE
VCE = -10 V Ta = 125C 75C -25C
VCE(sat) IC
Collector-emitter saturation voltage VCE(sat) (V) Base-emitter saturation voltage VBE(sat) (V)
IC / IB = 10
VBE(sat) IC
IC / IB = 10
- 0.6
- 0.5
Collector current IC (A)
-1
-1
TC = -25C 100C 25C
- 0.4
- 0.3
TC = 100C 25C -25C
- 0.2
- 0.1
- 0.1
- 0.1
0
0
- 0.2
- 0.4
- 0.6
- 0.8
-1.0
- 0.01 - 0.01
- 0.1
-1
- 0.01 - 0.01
- 0.1
-1
Base-emitter voltage VBE (V)
Collector current IC (A)
Collector current IC (A)
hFE IC
200
VCE = -10 V
fT I E
VCB = -10 V f = 200 MHz TC = 25C 160
Cob VCB
Collector output capacitance C (pF) (Common base, input open circuited) ob
50 IE = 0 f = 1 MHz TC = 25C 40
Forward current transfer ratio hFE
1 000
Transition frequency fT (MHz)
TC = 100C 25C 100 -25C
120
30
80
20
40
10
10 - 0.01
- 0.1
-1
0
1
10
100
0 -1
-10
-100
Collector current IC (A)
Emitter current IE (mA)
Collector-base voltage VCB (V)
2
SJD00001BED
2SA0794, 2SA0794A
ICEO Ta
105 VCE = 20 V 104
ICBO Ta
VCB = -20 V
-10
Safe operation area
Single pulse TC = 25C ICP IC - 0.1 t=1s t = 10 ms
104
103
102
102
10 10
1
0
40
80
120
160
200
1
Collector current IC (A)
103
-1
ICBO (Ta) ICBO (Ta = 25C)
ICEO (Ta) ICEO (Ta = 25C)
- 0.01
0
40
80
120
160
- 0.001 -1
-10
-100
-1 000
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
SJD00001BED
3
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of 2SA794

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X